Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2495 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 9Page - STMicroelectronics AN2495 Datasheet HTML 10Page - STMicroelectronics AN2495 Datasheet HTML 11Page - STMicroelectronics AN2495 Datasheet HTML 12Page - STMicroelectronics AN2495 Datasheet HTML 13Page - STMicroelectronics AN2495 Datasheet HTML 14Page - STMicroelectronics AN2495 Datasheet HTML 15Page - STMicroelectronics AN2495 Datasheet HTML 16Page - STMicroelectronics AN2495 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AN2495
Base driving circuit design
Doc ID 13127 Rev 5
13/36
4
Base driving circuit design
In practical applications such as SMPS where the load is variable, the collector current is
variable as well. As a consequence it is very important to provide a base current to the
device which is related to the collector. In this way it is possible to avoid device over-
saturation at low load and to optimize the performance in terms of power dissipation. The
best and simplest way to do this is the proportional driving method provided by the current
transformer in Figure 6. At the same time, it is very useful to provide a short pulse to the
base to make the turn-on as fast as possible and to reduce the dynamic saturation
phenomenon. The pulse is achieved by using the capacitor and the Zener diode in Figure 6.
Figure 6.
Proportional driving schematic and equivalent circuit
The IC/IB ratio is fixed once the current transformer turn ratio has been chosen. From the
ESBT STC04DE170 datasheet, and especially looking at the storage time characterization,
it is clear that a turn ratio equal to 5 is a good value to ensure the right saturation of the
ESBT at IC = 2 A, so that in the current transformer we can first fix:
Equation 20
The core magnetic permeability of current transformer must be as high as possible to
minimize the magnetization current IM (which is not transferred to the secondary side but
only drives the core into saturation). On the contrary, a too high permeability core may lead
the core into saturation even with a very small magnetization current. To avoid saturation, it
is necessary to increase the number of primary turns and the size of the core as well. If
a core with a very small magnetic permeability is chosen, it is possible to reduce the number
of primary turns and the core size. If the permeability is too small, we may not have current
on the secondary side because almost all the collector current becomes magnetization
current. As a compromise, a ferrite material with a relative permeability in the range 4500-
7000 is the best choice.
Ip
Is
LTp
Cb
Dz
Rb
IM
Ic
LTp
Lp
Ic
Ib
N
P
N
S
-------
1
5
---
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com