Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2495 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2495
Description  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2495 Datasheet HTML 1Page - STMicroelectronics AN2495 Datasheet HTML 2Page - STMicroelectronics AN2495 Datasheet HTML 3Page - STMicroelectronics AN2495 Datasheet HTML 4Page - STMicroelectronics AN2495 Datasheet HTML 5Page - STMicroelectronics AN2495 Datasheet HTML 6Page - STMicroelectronics AN2495 Datasheet HTML 7Page - STMicroelectronics AN2495 Datasheet HTML 8Page - STMicroelectronics AN2495 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AN2495
Design specifications and L6565 brief description
Doc ID 13127 Rev 5
5/36
2
Design specifications and L6565 brief description
Table 1 lists the converter specification data and the main parameters set for the
demonstration board.
Figure 2 shows a simplified schematic diagram of a flyback converter.
The L6565 features a current mode control and is designed for flyback converters working in
quasi-resonant mode and ZVS (zero voltage switching) at turn-on, or at least quasi ZVS,
which means valley switching during turn-on. This condition allows the designer to reduce
the power losses at turn-on as much as possible.
Since the input range is from 250 V up to 850 V, the ZVS is obtained only when
Vin = Vinmin = Vfl = 250 V.
The L6565 has 8 pins. For a detailed explanation of each pin function, please refer to the
L6565 datasheet.
Table 1.
Converter specification data and fixed parameters
Symbol
Description
Values
Vinmin
Rectified minimum input voltage
250
Vinmax
Rectified maximum input voltage
850
Vout
Output voltage 1
24 V/3.33 A
Vaux
Auxiliary output voltage
15 V/0.1 A
Pout
Maximum output power
80 W
h
Converter efficiency
> 80%
F
Minimum switching frequency
50 kHz
Vspike
Max. overvoltage limited by clamping circuit
200 V
Figure 2.
Flyback topology basic diagram
PKC-136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com