Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2794 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 9Page - STMicroelectronics AN2794 Datasheet HTML 10Page - STMicroelectronics AN2794 Datasheet HTML 11Page - STMicroelectronics AN2794 Datasheet HTML 12Page - STMicroelectronics AN2794 Datasheet HTML 13Page - STMicroelectronics AN2794 Datasheet HTML 14Page - STMicroelectronics AN2794 Datasheet HTML 15Page - STMicroelectronics AN2794 Datasheet HTML 16Page - STMicroelectronics AN2794 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AN2794
Design considerations
Doc ID 14827 Rev 2
13/39
●
HF transformer design
The design method is based on the Kg core geometry approach. The design can be done
according to the specifications in Table 3.
The first step is to compute the transformer apparent power given by:
Equation 28
The second step is the electrical condition parameter calculation Ke:
Equation 29
where Kf=4 is the waveform coefficient (for square waves).
Equation 30
The next step is to calculate the core geometry parameter:
Equation 31
Table 3.
HF transformer design parameters
Specification
Symbol
Value
Nominal input voltage
Vin
24 V
Maximum input voltage
Vinmax
28 V
Minimum input voltage
Vinmin
20 V
RMS input current
Iin
41.4 A
Nominal output voltage
Vout
350 V
Output current
Iout
2.86 A
Switching frequency
f
100 kHz
Efficiency
η
98%
Regulation
α
0.05%
Max operating flux density
Bm
0.05T
Window utilization
Ku
0.3
Duty cycle
Dmax
0.45
Temperature rise
Tr
30 °C
W
2021
I
V
)
1
1
(
P
P
P
0
0
0
0
t
=
+
η
=
+
η
=
()4
2
m
2
2
f
e
10
B
f
K
145
.
0
K
-
•
•
•
=
()
5800
10
)
05
.
0
(
)
000
.
100
(
)
4
(
145
.
0
K
4
2
2
2
e
=
=
-
5
e
t
g
cm
348
.
0
K
2
P
K
=
α
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com