Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2794 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 27Page - STMicroelectronics AN2794 Datasheet HTML 28Page - STMicroelectronics AN2794 Datasheet HTML 29Page - STMicroelectronics AN2794 Datasheet HTML 30Page - STMicroelectronics AN2794 Datasheet HTML 31Page - STMicroelectronics AN2794 Datasheet HTML 32Page - STMicroelectronics AN2794 Datasheet HTML 33Page - STMicroelectronics AN2794 Datasheet HTML 34Page - STMicroelectronics AN2794 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AN2794
Component list
Doc ID 14827 Rev 2
31/39
Appendix A
Component list
Table 7.
Bill of material (BOM)
Component
Part value
Description
Supplier
Cs1
100 nF, 630 V
Polip. cap., MKP series
EPCOS
Cs2
100 nF, 630 V
Polip. cap., MKP series
EPCOS
C1
100 nF, 50 V
X7R ceramic cap.., B37987 series
EPCOS
C2
100 nF, 50 V
X7R ceramic cap., B37987 series
EPCOS
C57
100 nF, 50 V
X7R ceramic cap., B37987 series
EPCOS
C59
100 nF, 50 V
X7R ceramic cap., B37987 series
EPCOS
C10
47 µF, 35 V
SMD tantalum capacitor TAJ series
AVX
C11
4.7 nF, 25 V
SMD multilayer ceramic capacitor
muRata
C12
100 µF, 25 V
SMD X7R ceramic cap. C3225 series; size 1210
TDK
C14
47 µF, 35 V
SMD tantalum capacitor TAJ series
AVX
C16
100 pF, 25 V
SMD multilayer ceramic capacitor
muRata
C41
100 pF, 50 V
General purpose ceramic cap., radial
AVX
C17
680 nF, 25 V
SMD multilayer ceramic capacitor
muRata
C18
22 µF, 25 V
Electrolytic cap FC series
Panasonic
C19
22 µF, 25 V
Electrolytic cap. FC series
Panasonic
C26
2.2 µF, 25 V
X7R ceramic cap., B37984 series
EPCOS
C31
2.2 µF, 25 V
X7R ceramic cap., B37984 series
EPCOS
C28
470 nF, 25 V
X7R ceramic cap., B37984 series
EPCOS
C33
470 nF, 25 V
X7R ceramic cap., B37984 series
EPCOS
C34
33 µF, 450 V
Electrolytic cap. B43821 series
EPCOS
C35
33 µF, 450 V
Electrolytic cap. B43821 series
EPCOS
C37
3900 µF, 35 V
Elec. capacitor 0.012
Ω, YXH series
Rubycon
C38
3900 µF, 35 V
Elec. capacitor 0.012
Ω, YXH series
Rubycon
C39
150 µF, 35 V
Electrolytic cap. fc series
Panasonic
C40
22 nF, 50 V
General purpose ceramic cap., radial
AVX
C42
100 µF, 25 V
Electrolytic cap. fc series
Panasonic
C51
100 µF, 25 V
Electrolytic cap.fc series
Panasonic
C52
100 µF, 25 V
Electrolytic cap.fc series
Panasonic
C53
2.2 µF, 450 V
Elcrolytic capactor B43851 series
EPCOS
C54
4.7 nF, 100 V
Polip. cap., MKT series
EPCOS
C55
4.7 nF, 100 V
Polip. cap., MKT series
EPCOS
C56
470 nF, 50 V
X7R ceramic cap., B37984 series
EPCOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com