Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2794 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 19Page - STMicroelectronics AN2794 Datasheet HTML 20Page - STMicroelectronics AN2794 Datasheet HTML 21Page - STMicroelectronics AN2794 Datasheet HTML 22Page - STMicroelectronics AN2794 Datasheet HTML 23Page - STMicroelectronics AN2794 Datasheet HTML 24Page - STMicroelectronics AN2794 Datasheet HTML 25Page - STMicroelectronics AN2794 Datasheet HTML 26Page - STMicroelectronics AN2794 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN2794
Schematic description
Doc ID 14827 Rev 2
23/39
3
Schematic description
The schematic of the converter is shown in Figure 11. Three MOSFETs are paralleled in
order to transfer power to each primary winding of the transformer. Both RC and RCD
networks can be connected between the drain and source of the MOSFETs to reduce the
overvoltages and voltage ringing caused by unclamped leakage inductance. The output of
the transformer is rectified by a full bridge of ultrafast soft-recovery diodes. An RCD network
is connected across the rectifier output to clamp the diode voltage to its steady state value
and recover the reverse recovery energy stored in the leakage inductance. This energy is
first transferred to the clamp capacitor and then partially diverted to the output through a
resistor.
The IGBT full bridge is connected to the output of the push-pull stage. Their control signals
are generated by an SG3525 voltage mode PWM modulator. Its internal clock, necessary to
generate the 100 kHz modulation, is set by an external RC network. The PWM output stage
is capable of sourcing or sinking up to 100 mA which can be enough to directly drive the
gate of the MOSFETs devices. The PWM controller power dissipation, given by the sum of
its own power consumption and the power needed to drive six STP160N75F3s at 100 kHz,
can be evaluated with the following equation:
Equation 67
where Vs and Is are the supply voltage and current.
Since this power dissipation would result in a high operating temperature of the IC, a totem
pole driving circuit has been used to handle the power losses and peak currents, achieving
a more favorable operating condition. This circuit was implemented by means of an NPN-
PNP complementary pair of BJT transistors. The control and driver stage schematic is
shown in Figure 11.
W
3
.
1
I
V
fV
Q
6
P
s
s
drive
g
tot
Contoller
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com