Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2794 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 28Page - STMicroelectronics AN2794 Datasheet HTML 29Page - STMicroelectronics AN2794 Datasheet HTML 30Page - STMicroelectronics AN2794 Datasheet HTML 31Page - STMicroelectronics AN2794 Datasheet HTML 32Page - STMicroelectronics AN2794 Datasheet HTML 33Page - STMicroelectronics AN2794 Datasheet HTML 34Page - STMicroelectronics AN2794 Datasheet HTML 35Page - STMicroelectronics AN2794 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Component list
AN2794
32/39
Doc ID 14827 Rev 2
C58
0.33 µF, 50 V
X7R ceramic cap., B37984 series
EPCOS
C60
150 nF, 50 V
SMD multilayer ceramic capacitor
muRata
D1
STTH8R06D
Ultrafast high voltage rectifier; TO-220AC
STMicroelectronics
D2
STTH8R06 D
Ultrafast high voltage rectifier; TO-220AC
STMicroelectronics
D3
STTH8R06 D
Ultrafast high voltage rectifier; TO-220AC
STMicroelectronics
D4
STTH8R06 D
Ultrafast high voltage rectifier; TO-220AC
STMicroelectronics
D13
STTH8R06 D
Ultrafast high voltage rectifier; TO-220AC
STMicroelectronics
D5
BAT46
Small signal Schottky diode; SOD-123
STMicroelectronics
D6
BAT46
Small signal Schottky diode; SOD-123
STMicroelectronics
D8
BAT46
Small signal Schottky diode; SOD-123
STMicroelectronics
D7
BAT46
Small signal Schottky diode; SOD-123
STMicroelectronics
D9
STTH1L06
Ultrafast high voltage rectifier; DO-41
STMicroelectronics
D10
STTH1L06
Ultrafast high voltage rectifier; DO-41
STMicroelectronics
D11
1N5821
Schottky rectifier; DO-221AD
STMicroelectronics
D12
1N5821
Schottky rectifier; DO-221AD
STMicroelectronics
VOUT AC 1
CON1
FASTON
RS components
VOUT AC 2
CON1
FASTON
RS components
VOUT -
CON1
FASTON
RS components
VOUT +
CON1
FASTON
RS components
VIN
CON1
FASTON
RS components
GND
CON1
FASTON
RS components
IC1
L6386D
High-voltage high and low side driver; dip-14
STMicroelectronics
IC2
L6386D
High-voltage high and low side driver; dip-14
STMicroelectronics
IGBT LOW 1 STGW19NC60WD N-channel 19 A - 600 V TO-247 PowerMESH™ IGBT
STMicroelectronics
IGBT HIGH 1 STGW19NC60WD N-channel 19 A - 600 V TO-247 PowerMESH™ IGBT
STMicroelectronics
IGBT LOW 2 STGW19NC60WD N-channel 19 A - 600 V TO-247 PowerMESH™ IGBT
STMicroelectronics
IGBT HIGH 2 STGW19NC60WD N-channel 19 A - 600 V TO-247 PowerMESH™ IGBT
STMicroelectronics
J1
CON10
10-way idc connector commercial box header series
Tyco Electronics
L3
150 µH, 3 A
Power use SMD inductor; SLF12575T series
TDK
L4(1)
1174.0018 ST04
1.5 mH, filter inductor
MAGNETICA
M1
STP160N75F3
N-channel 75 V - 3.5 m
Ω 120 A TO-220 STripFET™
Power MOSFET
STMicroelectronics
M2
STP160N75F3
N-channel 75 V - 3.5 m
Ω 120 A TO-220 STripFET™
Power MOSFET
STMicroelectronics
M3
STP160N75F3
N-channel 75 V - 3.5 m
Ω 120 A TO-220 STripFET™
Power MOSFET
STMicroelectronics
Table 7.
Bill of material (BOM) (continued)
Component
Part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com