Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2794 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 18Page - STMicroelectronics AN2794 Datasheet HTML 19Page - STMicroelectronics AN2794 Datasheet HTML 20Page - STMicroelectronics AN2794 Datasheet HTML 21Page - STMicroelectronics AN2794 Datasheet HTML 22Page - STMicroelectronics AN2794 Datasheet HTML 23Page - STMicroelectronics AN2794 Datasheet HTML 24Page - STMicroelectronics AN2794 Datasheet HTML 25Page - STMicroelectronics AN2794 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Design considerations
AN2794
22/39
Doc ID 14827 Rev 2
Figure 10.
Bottom layer
To obtain geometrical symmetry the HF transformer has been placed at the center of the
board, which has been developed using double-sided, 140
μm FR-4 substrate with
135 x 185 mm size. In addition, this placement of the transformer is the most suitable since
it is the bulkiest part of the board. Both the primary and secondary AC current loops are
placed very close to the transformer in order to reduce their area and consequently their
parasitic inductances. For this reason the MOSFET and rectifier diodes lie at the edges of
the PCB. Input loop PCB traces show identical shapes to guarantee the same values of
resistance and parasitic inductance. Also the IGBTs of the inverter stage lie at one edge of
the board. This gives the advantage of using a single heat sink for each group of power
components. The output filter is placed on the right side of the transformer, between the
bridge rectifier and the inverter stage.
The power supply section lies on the left side of the transformer, simplifying the routing of
the 15 V bus dedicated to supply all the control circuitry.
AM00631v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com