Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3994 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 5Page - STMicroelectronics AN3994 Datasheet HTML 6Page - STMicroelectronics AN3994 Datasheet HTML 7Page - STMicroelectronics AN3994 Datasheet HTML 8Page - STMicroelectronics AN3994 Datasheet HTML 9Page - STMicroelectronics AN3994 Datasheet HTML 10Page - STMicroelectronics AN3994 Datasheet HTML 11Page - STMicroelectronics AN3994 Datasheet HTML 12Page - STMicroelectronics AN3994 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
AN3994
Parasitic capacitances overview
Doc ID 022380 Rev 1
9/53
Cgd is the sum of two contributions: the first one is related to the overlap of the JFET region
and the gate electrode (“1” component in Figure 5 and 6). The second component is the
capacitance of the depletion region under the gate (“2” component in Figure 5 and 6).
The equivalent capacitance Cgd decreases as the drain source voltage applied increases.
Cds capacitance is the junction capacitance of the body-drain diode (“7” components in
Figure 5 and 6). Its value varies as the p-body / n-drift junction thickness changes with the
VDS applied, according to the following formula:
Equation 1
The relevant datasheets report the static equivalent capacitance values in the electrical
characteristics as the following:
Equation 2
Equation 3
Equation 4
Cgd is also called “Miller capacitance”, as it’s placed in the feedback loop between the input
and the output of the device. It's value can be much larger in switching operations,
contributing to the achievement of a dynamic input capacitance of the MOSFET larger than
the sum of the static capacitances.
In order to simplify the switching performance comparison among MOSFETs from different
manufacturers or even different MOSFET technologies of the same brand, it can be useful
to consider the gate charge parameters instead of capacitances. Figure 7 shows a clamped
inductive load switching test circuit which helps to analyze the parasitic capacitance
behavior during the MOSFET switching. The considerations reported in the following
sections are valid if the driving source is supposed to provide any Ig current to the MOSFET
input capacitances and the circuit is ideal with no stray inductances.
)
V
(
C
DS
ds ∝
measured @ VGS=0 V, VDS=25 V
 
gd
gs
iss
C
C
C
⊕
=
measured @ VGS=0 V, VDS=25 V
 
gd
rss
C
C
=
measured @ VGS=0 V, VDS=25 V
 
gd
ds
oss
C
C
C
⊕
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com