Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3994 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 42Page - STMicroelectronics AN3994 Datasheet HTML 43Page - STMicroelectronics AN3994 Datasheet HTML 44Page - STMicroelectronics AN3994 Datasheet HTML 45Page - STMicroelectronics AN3994 Datasheet HTML 46Page - STMicroelectronics AN3994 Datasheet HTML 47Page - STMicroelectronics AN3994 Datasheet HTML 48Page - STMicroelectronics AN3994 Datasheet HTML 49Page - STMicroelectronics AN3994 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
MOSFET critical parameters in high switching environments
AN3994
46/53
Doc ID 022380 Rev 1
Figure 64.
Schematic of 4-pin solution
The best way to minimize the inductance influence is to adopt the Kelvin source connection
(see Figure 64); this solution dramatically cuts the common path between the drain current
and the gate current as the Kelvin pin is directly referenced to the driving stage GND. The
result is that the energy losses are reduced and the rate of drain current during transients is
sped up. Figure 65 and 66, showing the differences in terms of energy ON and energy OFF
between a standard 3-pin with an optimized layout and the 4-pin, refer to the same PCB
circuit of the previous sets of experimental waveforms of Figure 48 and 49: this leads to the
obvious conclusion that the 4-pin solution allows the user to speed up the SJ MOSFET with
excellent results, not reachable by the 3-pin solution even if optimized in terms of layout
configuration.
Figure 65.
STW77N65M5 energy ON difference between the optimized layout (3-pin)
and 4-pin solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com