Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3994 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 45Page - STMicroelectronics AN3994 Datasheet HTML 46Page - STMicroelectronics AN3994 Datasheet HTML 47Page - STMicroelectronics AN3994 Datasheet HTML 48Page - STMicroelectronics AN3994 Datasheet HTML 49Page - STMicroelectronics AN3994 Datasheet HTML 50Page - STMicroelectronics AN3994 Datasheet HTML 51Page - STMicroelectronics AN3994 Datasheet HTML 52Page - STMicroelectronics AN3994 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
AN3994
MOSFET critical parameters in high switching environments
Doc ID 022380 Rev 1
49/53
7.4
Minimizing common source inductance impact at turn-off:
negative VGMoff
Threshold voltage for the Power MOSFET has a negative temperature coefficient and this
aspect must be carefully considered especially at turn-off, when parasitic inductances
resonate with the output MOSFET capacitor and lead to oscillations in gate to source
voltage waveforms. If threshold voltage is lowered because of high operation temperature,
the risk of unwanted turn-on significantly increases.
In order to improve the MOSFET immunity against noise, a negative VGM during turn-off is
suggested.
The negative bias at turn-off also counterbalances the induced voltage VLs across the
common source inductance (which is negative if referred to Figure 73).
If the negative VGMoff is properly chosen to avoid any gate oxide damages, it contributes to
the reduction of the positive gate charge amount injected during the ID falling down and
consequently to the reduction of the negative Ls impact on energy losses.
Figure 73.
Basic driving stage of a Power MOSFET at turn-off with negative VGM
Figure 71.
STW77N65M5 Eon@40 A, 2.2 Ω
4-pin solution
Figure 72.
STW77N65M5 Eon@40 A, 2.2 Ω
4-pin solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com