Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3994 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 41Page - STMicroelectronics AN3994 Datasheet HTML 42Page - STMicroelectronics AN3994 Datasheet HTML 43Page - STMicroelectronics AN3994 Datasheet HTML 44Page - STMicroelectronics AN3994 Datasheet HTML 45Page - STMicroelectronics AN3994 Datasheet HTML 46Page - STMicroelectronics AN3994 Datasheet HTML 47Page - STMicroelectronics AN3994 Datasheet HTML 48Page - STMicroelectronics AN3994 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
AN3994
MOSFET critical parameters in high switching environments
Doc ID 022380 Rev 1
45/53
The impact of the parasitic inductance becomes heavier as the current increases, as clearly
shown by the trend of Eon and Eoff in Figure 50 and 63.
The turn-on is impacted more by the parasitic Ls rather than the Eoff, as the di/dt starts at
the very beginning of the turn-on phase, just after the VGS has reached the threshold. In this
situation the dI/dt and the VGS are severely slowed down and the plateau region is greatly
widened even if low RG values are used. So, as evident from Figure 60, the main
contribution over the IV cross is provided by the di/dt portion.
As for turn-off, the first part of the IV cross during the plateau region is not affected by the Ls,
and can be sped up by adopting a proper RG value. Additionally, the voltage across the
switch rises in the last portion of the plateau region, due to the particular output capacitance
dependence with voltage; so, this first contribution on the total energy OFF is negligible and
independent of Ls. As voltage across the switch reaches the clamp value, the ID drops down:
the Ls acts during this phase, but its impact is not heavy, as clear from the waveforms in
Figure 54
.
Figure 60.
STW77N65M5 Eon@40 A, 2.2 Ω with
non-optimizedcommonpath
Figure 61.
STW77N65M5 Eon@40 A, 2.2 Ω with
non-optimizedcommonpath
Figure 62.
STW77N65M5 Eon@40 A, 2.2 Ω
with optimized common path
Figure 63.
STW77N65M5 Eon@40 A, 2.2 Ω
with optimized common path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com