Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3994 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 9Page - STMicroelectronics AN3994 Datasheet HTML 10Page - STMicroelectronics AN3994 Datasheet HTML 11Page - STMicroelectronics AN3994 Datasheet HTML 12Page - STMicroelectronics AN3994 Datasheet HTML 13Page - STMicroelectronics AN3994 Datasheet HTML 14Page - STMicroelectronics AN3994 Datasheet HTML 15Page - STMicroelectronics AN3994 Datasheet HTML 16Page - STMicroelectronics AN3994 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
AN3994
MOSFET standard turn-on and turn-off analysis
Doc ID 022380 Rev 1
13/53
During phase “4” the voltage across the MOSFET has reached the ID*RDS(on)=VDS(on)
value, and the device has entered the ohmic region. The VGS increases up to the maximum
value VGM.
Figure 10.
Turn-off of a MOSFET in a clamped inductive load
Similarly, the turn-off event can be split into four time intervals, as shown in Figure 10.
Phase “1” is the time interval needed to discharge the input capacitance Ciss from its initial
value (+VGM) down to the plateau level. The gate current is supplied by both Cgs and Cgd
capacitors.
The IGoff current during the time interval (t'0 to t'1) follows the same exponential trend of the
turn-on during the (t0, t2) time interval according to Equation 9:
Equation 9
During phase “2” the gate voltage has reached a fixed value (the plateau level) and the VDS
rises from ID*RDS(on)=VDS(on) up to the final value, where it is clamped by the diode. As VGS
is constant in this time interval, the OFF gate current flowing through the RGtot is the
charging current of the Cgd that is charging from a negative starting voltage value (see
Figure 8
for reference) up to the VDS value, while the Cds capacitor is charging up to VDS.
IGoff current during this phase follows Equation 10:
Equation 10
Phase “3” is the phase of the diode turn-on: load current begins to be shared between the
MOSFET and the diode while the VGS decreases from the plateau down to the Vth value.
)
t
,
t
(
Gon
)
t
,
t
(
Goff
2
0
'
1
'
0
I
I
−
=
Gtot
PL
)
t
,
t
(
Goff
R
V
I
'
3
'
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com