Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1069-7
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1069-7 Datasheet HTML 2Page - Linear Technology LTC1069-7 Datasheet HTML 3Page - Linear Technology LTC1069-7 Datasheet HTML 4Page - Linear Technology LTC1069-7 Datasheet HTML 5Page - Linear Technology LTC1069-7 Datasheet HTML 6Page - Linear Technology LTC1069-7 Datasheet HTML 7Page - Linear Technology LTC1069-7 Datasheet HTML 8Page - Linear Technology LTC1069-7 Datasheet HTML 9Page - Linear Technology LTC1069-7 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LTC1069-7
8
10697fa
Wideband Noise
The wideband noise of the filter is the total RMS value
of the device’s noise spectral density and determines the
operating signal-to-noise ratio. Most of the wideband
noise frequency contents lie within the filter passband.
The wideband noise cannot be reduced by adding post
filtering. The total wideband noise is nearly independent
of the clock frequency and depends slightly on the power
supply voltage (see Table 3). The clock feedthrough
specifications are not part of the wideband noise.
Table 3. Wideband Noise
VS
CLOCK FEEDTHROUGH
4.75V
125μVRMS
±5V
140μVRMS
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs for input frequencies approaching
the sampling frequency. The internal sampling frequency
of the LTC1069-7 is 50 times its fCUTOFF frequency. For
instance if a 48kHz, 100mVRMS signal is applied at the
APPLICATIONS INFORMATION
input of an LTC1069-7 operating with a 50% duty cycle
25kHz clock, a 2kHz, 741μVRMS alias signal will appear
at the filter output. Table 4 shows details.
Table 4. Aliasing
INPUT FREQUENCY
VIN = 1VRMS
OUTPUT LEVEL
Relative to Input
OUTPUT FREQUENCY
Aliased Frequency
fCLK/fC = 25:1, fCUTOFF = 1kHz
40kHz (or 60kHz)
–59.9dB
10kHz
47kHz (or 53kHz)
–54.2dB
3kHz
48kHz (or 52kHz)
–42.6dB
2kHz
48.5kHz (or 51.5kHz)
–18.3dB
1.5kHz
49kHz (or 52kHz)
–2.9dB
1.0kHz
49.5kHz (or 50.5kHz)
–0.65dB
0.5kHz
Speed Limitations
To avoid op amp slew rate limiting, the signal amplitude
should be kept below a specified level as shown in Table 5.
Table 5. Maximum VIN vs VS and Clock
VS
MAXIMUM CLOCK
MAXIMUM VIN
5V
≥ 2.5MHz
340mVRMS (fIN ≥ 200kHz)
±5V
≥ 4.5MHz
1.2VRMS (fIN ≥ 400kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com