Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1069-7
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7 Datasheet(HTML) 1 Page - Linear Technology

  LTC1069-7 Datasheet HTML 1Page - Linear Technology LTC1069-7 Datasheet HTML 2Page - Linear Technology LTC1069-7 Datasheet HTML 3Page - Linear Technology LTC1069-7 Datasheet HTML 4Page - Linear Technology LTC1069-7 Datasheet HTML 5Page - Linear Technology LTC1069-7 Datasheet HTML 6Page - Linear Technology LTC1069-7 Datasheet HTML 7Page - Linear Technology LTC1069-7 Datasheet HTML 8Page - Linear Technology LTC1069-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LTC1069-7
1
10697fa
TYPICAL APPLICATION
DESCRIPTION
Linear Phase
8th Order Lowpass Filter
The LTC®1069-7 is a monolithic, clock-tunable, linear
phase, 8th order lowpass filter. The amplitude response
of the filter approximates a raised cosine filter with an
alpha of one. The gain at the cutoff frequency is – 3dB and
the attenuation at twice the cutoff frequency is 43dB. The
Single 5V Supply, Linear Phase 100kHz Lowpass Filter
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
FEATURES
APPLICATIONS
n 8th Order, Linear Phase Filter in SO-8 Package
n Raised Cosine Amplitude Response
n – 43dB Attenuation at 2× fCUTOFF
n Wideband Noise: 140μVRMS
n Operates from Single 5V Supply to
±5V Power Supplies
n Clock-Tunable to 200kHz with ±5V Supplies
n Clock-Tunable to 120kHz with Single 5V Supply
n Digital Communication Filter
n Antialiasing Filter with Linear Phase
n Smoothing Filters
AGND
V+
NC
VIN
VIN
VOUT
VOUT
V–
NC
CLK
LTC1069-7
fCLK = 2.5MHz
5V
0.47μF
0.1μF
1069-7 TA01
FREQUENCY (kHz)
10
–70
–60
–50
–40
–30
10
100
1000
1069-7 TA02
–20
–10
0
cutoff frequency of the LTC1069-7 is set by an external
clock and is equal to the clock frequency divided by 25.
The ratio of the internal sampling frequency to the cutoff
frequency is 50:1 that is, the input signal is sampled
twice per clock cycle to lower the risk of aliasing. The
LTC1069-7 can be operated from a single 5V supply up
to dual ±5V supplies.
The gain and phase response of the LTC1069-7 can be
used in digital communication systems where pulse
shaping and channel bandwidth limiting must be carried
out. Any system that requires an analog filter with linear
phase and sharper roll off than conventional Bessel filters
can use the LTC1069-7.
The LTC1069-7 has a wide dynamic range. With ±5V
supplies and an input range of 0.1VRMS to 2VRMS, the
signal-to-(noise + THD) ratio is ≥ 60dB. The wideband noise
of the LTC1069-7 is 140μVRMS.UnlikeotherLTC1069-Xfilters,
the typical passband gain of the LTC1069-7 is equal to –1V/V.
The LTC1069-7 is available in an SO-8 package.
Otherfilterresponseswithlowerpower/speedspecifications
can be obtained. Please contact LTC Marketing.
Frequency Response


Similar Part No. - LTC1069-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
Linear Phase 8th Order Lowpass Filter
logo
Analog Devices
LTC1069-7 AD-LTC1069-7 Datasheet
164Kb / 10P
Linear Phase 8th Order Lowpass Filter
REV A
LTC1069-7 AD-LTC1069-7 Datasheet
150Kb / 12P
Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
REV A
LTC1069-7 AD-LTC1069-7 Datasheet
197Kb / 12P
Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1069-7 AD-LTC1069-7 Datasheet
237Kb / 12P
Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
More results

Similar Description - LTC1069-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com