Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1069-7
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7 Datasheet(HTML) 4 Page - Linear Technology

  LTC1069-7 Datasheet HTML 1Page - Linear Technology LTC1069-7 Datasheet HTML 2Page - Linear Technology LTC1069-7 Datasheet HTML 3Page - Linear Technology LTC1069-7 Datasheet HTML 4Page - Linear Technology LTC1069-7 Datasheet HTML 5Page - Linear Technology LTC1069-7 Datasheet HTML 6Page - Linear Technology LTC1069-7 Datasheet HTML 7Page - Linear Technology LTC1069-7 Datasheet HTML 8Page - Linear Technology LTC1069-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LTC1069-7
4
10697fa
TYPICAL PERFORMANCE CHARACTERISTICS
Passband Gain vs Frequency
FREQUENCY (kHz)
1
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
17
1069-7 G01
5
3
7
11
15
19
9
13
21
VS = ±5V
fCLK = 500kHz
fC = 20kHz
VIN = 2VRMS
FREQUENCY (kHz)
41
–40
–42
–44
–46
–48
–50
–52
–54
–56
–58
–60
73
1069-7 G03
49
45
53
61
69
77
57
65
81
VS = ±5V
fCLK = 500kHz
fC = 20kHz
VIN = 2VRMS
Stopband Gain vs Frequency
FREQUENCY (kHz)
10
0
–10
–20
–30
–40
–50
25
29
33
37
1069-7 G02
41
23
21
27
31
35
39
VS = ±5V
fCLK = 500kHz
fC = 20kHz
VIN = 2VRMS
Transition Band Gain vs Frequency
FREQUENCY (kHz)
1
10
0
–10
–20
–30
–40
–50
–60
10
100
1069-7 G04
VS = ±5V
fCLK = 250kHz
fC = 10kHz
VIN = 1VRMS
FREQUENCY (kHz)
20
100
3
0
–3
–6
–9
–12
–15
–18
1069-7 G05
60
140
40
120
80
160 180 200
fCLK = 2.5MHz
fCLK = 3.5MHz
fCLK = 3MHz
fCLK = 4MHz
fCLK = 4.5MHz
fCLK = 5MHz
VS = ±5V
VIN = 2VRMS
FREQUENCY (kHz)
10
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
130
1069-7 G06
40
70
100
160
TA = 85°C
TA = –40°C
TA = 25°C
VS = ±5V
fCLK = 4MHz
fC = 160kHz
VIN = 2VRMS
FREQUENCY (kHz)
10
10
0
–10
–20
–30
–40
–50
–60
30
110
150
1069-7 G07
90
190 210
50 70
130
170
VS = 5V
VS = ±5V
fCLK = 2MHz
fC = 80kHz
VIN = 0.5VRMS
FREQUENCY (kHz)
20
100
3
0
–3
–6
–9
–12
–15
–18
1069-7 G08
60
140
40
120
80
160 180 200
fCLK = 1.5MHz
fCLK = 2MHz
fCLK = 2.5MHz
fCLK = 3MHz
VS = 5V
VIN = 1VRMS
FREQUENCY (kHz)
10
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
30
50
60
100
1069-7 G09
20
40
70
80
90
TA = 85°C
TA = –40°C
TA = 25°C
VS = 5V
fCLK = 2.5MHz
fC = 100kHz
VIN = 1VRMS
Passband Gain
vs Clock Frequency
Gain vs Frequency
Passband Gain vs Frequency
Passband Gain
vs Clock Frequency
Gain vs Supply Voltage
Passband Gain vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com