Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1069-7
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7 Datasheet(HTML) 5 Page - Linear Technology

  LTC1069-7 Datasheet HTML 1Page - Linear Technology LTC1069-7 Datasheet HTML 2Page - Linear Technology LTC1069-7 Datasheet HTML 3Page - Linear Technology LTC1069-7 Datasheet HTML 4Page - Linear Technology LTC1069-7 Datasheet HTML 5Page - Linear Technology LTC1069-7 Datasheet HTML 6Page - Linear Technology LTC1069-7 Datasheet HTML 7Page - Linear Technology LTC1069-7 Datasheet HTML 8Page - Linear Technology LTC1069-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LTC1069-7
5
10697fa
TYPICAL PERFORMANCE CHARACTERISTICS
Phase Matching vs Frequency
THD + Noise vs Input (VP-P)
THD + Noise vs Frequency
Transient Response
Output Offset vs Clock Frequency
Output Voltage Swing
vs Temperature
Passband Gain and Phase
vs Frequency
Passband Gain and Delay
vs Frequency
FREQUENCY (kHz)
0
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
180
135
90
45
0
–45
–90
–135
–180
–225
–270
80
1069-7 G10
20
10
30
50
70
90
40
60
100
GAIN
PHASE
VS = ±5V
fCLK = 2.5MHz
fC = 100kHz
FREQUENCY (kHz)
0
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
13.5
13.0
12.5
12.0
11.5
11.0
80
1069-7 G12
20
10
30
50
70
90
40
60
100
GAIN
DELAY
VS = ±5V
fCLK = 2.5MHz
fC = 100kHz
FREQUENCY (fCUTOFF/FREQUENCY)
0
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
0.8
1069-7 G11
0.2
0.1
0.3
0.5
0.7
0.9
0.4
0.6
1.0
70°C
25°C
VS = ±5V
fCLK ≤ 2.5MHz
PHASE DIFFERENCE BETWEEN
ANY TWO UNITS (SAMPLE OF
20 REPRESENTATIVE UNITS)
INPUT (VP-P)
0.1
–40
–45
–50
–55
–60
–65
–70
–75
110
1609-7 G13
VS = ±5V
VS = 5V
fCLK = 1MHz
fC = 40kHz
fIN = 1kHz
FREQUENCY (kHz)
1
–40
–45
–50
–55
–60
–65
–70
–75
–80
10
100
1069-7 G14
fCLK = 2.5MHz
fC = 100kHz
VS = 5V, VIN = 1VP-P
VS = ±5V, VIN = 2VP-P
VS = ±5V
fCLK = 500kHz
fCUTOFF = 20kHz
VIN = 4VP-P SQUARE WAVE AT 1kHZ
0.1ms/DIV
1069-7 G15
CLOCK FREQUENCY (MHz)
0.25
–10
–15
–20
–25
–30
–35
–40
–45
–50
4.25
1069-7 G16
1.25
2.25
3.25
5.25
VS = 5V
VS = ±5V
TEMPERATURE (°C)
–40
1.0
1.2
4.3
0
40
60
1069-7 G17
1.1
4.2
4.1
–20
20
80
100
VS = 5V (AGND AT 2.5V)
fCLK = 500kHz
fCUTOFF = 20kHz
RL = 10k
ISOURCE/ISINK ≤ 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com