Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-7 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1069-7
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-7 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1069-7 Datasheet HTML 2Page - Linear Technology LTC1069-7 Datasheet HTML 3Page - Linear Technology LTC1069-7 Datasheet HTML 4Page - Linear Technology LTC1069-7 Datasheet HTML 5Page - Linear Technology LTC1069-7 Datasheet HTML 6Page - Linear Technology LTC1069-7 Datasheet HTML 7Page - Linear Technology LTC1069-7 Datasheet HTML 8Page - Linear Technology LTC1069-7 Datasheet HTML 9Page - Linear Technology LTC1069-7 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LTC1069-7
10
10697fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LTC 0309 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1064-3
Linear Phase, Bessel 8th Order Filter
fCLK/fC = 75/1 or 150/1, Very Low Noise
LTC1064-7
Linear Phase, 8th Order Lowpass Filter
fCLK/fC = 50/1 or 100/1, fC(MAX) = 100kHz
LTC1164-7
Low Power, Linear Phase Lowpass Filter fCLK/fC = 50/1 or 100/1, IS = 2.5mA, VS = 5V
LTC1264-7
Linear Phase 8th Order Lowpass Filter
fCLK/fC = 25/1 or 50/1, fC(MAX) = 200kHz
AGND
V+
NC
VIN
VIN
VOUT
V–
NC
CLK
LTC1069-7
fCLK ≤ 5MHz
0.1μF
1069-7 TA03
+
–
VOUT
LT
®1354
5V
0.1μF
–5V
1μF
10k
5V
–5V
10k
51pF
0.1μF
0.1μF
Clock Tunable, Noninverting, Linear Phase 8th Order Filter to 200kHz fCUTOFF
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com