Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN677 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN677
Description  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN677 Datasheet HTML 2Page - STMicroelectronics AN677 Datasheet HTML 3Page - STMicroelectronics AN677 Datasheet HTML 4Page - STMicroelectronics AN677 Datasheet HTML 5Page - STMicroelectronics AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics AN677 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2.3 Simulation and validation
When the analysis and code generation are successfully concluded, the simulation can be
launched (Simulate menu). This allows the application to be simulated and for the signals to be
monitored directly on the graphical description, without having to build hardware for debugging.
The use of the numeric adjuster on the inputs, and numeric probes makes the validation of the
application very convivial. By activating the input adjuster from 0 to 255 (the 8-bit A/D
conversion result) any subtraction situation can be checked with its impact on the output.
Figure 3 represents such a case where an input value of 110 is compared to the reference
value of 127, resulting in a difference of -17 which produces the oscillation at the relevant
output pin.
Figure 3: Simulation Results In The St6-Realizer Environment
It is possible to get information through the Run menu about the maximum time taken by the
MCU to perform all the operations described in the application. This fixes the minimum time
required between an input change and its impact on outputs, and thus the frequency response
of the application. In the present case the maximum time is 630µs for a 8Mhz oscillator.
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com