Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN677 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN677
Description  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN677 Datasheet HTML 5Page - STMicroelectronics AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics AN677 Datasheet HTML 10Page - STMicroelectronics AN677 Datasheet HTML 11Page - STMicroelectronics AN677 Datasheet HTML 12Page - STMicroelectronics AN677 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
4 A SMART SENSOR WITH NON-LINEAR RESPONSE AND AUTOCALIBRATION
In the case of a non-calibrated sensor, or of mechanical drift of the input system, the meanpoint
value may be slightly different from the theoretical reference value and subsequently induce
some unwanted actions on the outputs. One solution is to perform an autozero process
allowing a tolerance window for the meanpoint, as represented on the flowchart in Figure 6: As
long as the initial value at reset is within a tolerance window around the theoretical value of
127, the shift is considered as irrelevant and that initial value is used as the new reference; On
the contrary, any input value out of this tolerance window is understood as an instruction
request to use 127 as the reference value.
Figure 6: Flowchart Of The Autozero Process At Reset
Output = 00
Input Value in
Tolerance Window
Store Input Value
as Reference
Store Default Value
127 as Reference
Output = Input - Reference
No
Yes
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com