Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN677 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN677
Description  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN677 Datasheet HTML 3Page - STMicroelectronics AN677 Datasheet HTML 4Page - STMicroelectronics AN677 Datasheet HTML 5Page - STMicroelectronics AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics AN677 Datasheet HTML 10Page - STMicroelectronics AN677 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
3 A SMART SENSOR WITH A NON-LINEAR RESPONSE
In the former version, the system has a linear response: If the entered value is increased by 3,
the result sent to the wave generator is also increased by 3. However, many systems present
non-linear behaviour either due to a non-linear input signal or to a non-linear output stage. In
such cases, non-linear transformation capabilities are required.
In this new case a response after the subtractor, as shown in Figure 4, is obtained by only
adding two symbols: A transformation table to pass from a linear evolution to a x2-like curve
and a limiter symbol to limit the total excursion. The transformation table is a standard ASCII
file with a very simple syntax : Input value, Output value, as shown in Figure 5.
Figure 4: Response Transformation Into A Non-Linear Curve
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com