Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN677 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN677
Description  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 Datasheet(HTML) 3 Page - STMicroelectronics

  AN677 Datasheet HTML 1Page - STMicroelectronics AN677 Datasheet HTML 2Page - STMicroelectronics AN677 Datasheet HTML 3Page - STMicroelectronics AN677 Datasheet HTML 4Page - STMicroelectronics AN677 Datasheet HTML 5Page - STMicroelectronics AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2 A SIMPLE SMART SENSOR
In its basic form, the application features the minimum data treatment: a subtraction is
performed between an entered analog value and a constant reference to control an output
signal generator. This last circuit drives two external I/O pins according to the subtraction
result: Whether the value
is positive or negative, only one of the two outputs is activated
issuing a squarewave signal with a frequency function of the amplitude of the difference.
2.1 Graphical description
The core of this development methodology is the graphical description of the application. This
description uses a standard library allowing a system oriented description; Included are:
Input / Output symbols
Logic / Arithmetic symbols
Oscillators / Pulse generators
State machine for sequencing
With such a library, it is possible to cover most application requirements as long as the time
resolution require for the oscillators and pulse generators remains over 10ms, the value used
as the time unit. This value defines only the minimum calibrated timebase available and not the
speed of the application which is fixed by the MCU quartz crystal frequency and the complexity
of the application.
The graphical description follows a decomposition of the application into such basic
functionalities; In the present case our needs are for:
One analog input with an A/D convertor
One constant reference
One subtraction operator
One wave generator
Two output pins
No sequencing is required.
The analog input and digital outputs are described by placing the appropriate symbols
proposed in the main library of the object menu. The software proposes the MCU I/O pin
available in each case:
digital or analog inputs, current sink capabilities for output pins,
insuring a full compatibility with the selected hardware (Figure 1).
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com