Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN677 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN677
Description  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 Datasheet(HTML) 2 Page - STMicroelectronics

  AN677 Datasheet HTML 1Page - STMicroelectronics AN677 Datasheet HTML 2Page - STMicroelectronics AN677 Datasheet HTML 3Page - STMicroelectronics AN677 Datasheet HTML 4Page - STMicroelectronics AN677 Datasheet HTML 5Page - STMicroelectronics AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1 A SMART SENSOR EXAMPLE
An application development is described here as an example which covers general items such
as analog data acquisition and treatment with peripheral activation and with operation
sequencing. The ST62 family of microcontroller is chosen as target device since it provides all
the features needed for this kind of application: A/D convertors, high output current capability
and a small package.
The application shown consists of an analog sensor input associated with data treatment
issuing two types of information: The relative position, lower or higher, versus a meanpoint or
reference value and the amplitude of the difference. This smart sensor can be used in a
positioning controller, temperature regulator or any other system requiring as parameters a
direction and amplitude.
A basic version reduced to a simple, straightforward data treatment is described. Its main
purpose is to present the methodology used and main features of the tool.
Application graphical description
Analysis and code generation
Simulation and validation
In a second step, the response of the system is modified to be compatible with non linear input
signals or non linear interfaces.
Finally a self calibration feature is implemented to compensate for imprecision on the input
sensor.
These last examples highlight the easy upgrading capability for an application.
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com