Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD63 Datasheet(PDF) 3 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 3 Page - NEC

  UPD63 Datasheet HTML 1Page - NEC UPD63 Datasheet HTML 2Page - NEC UPD63 Datasheet HTML 3Page - NEC UPD63 Datasheet HTML 4Page - NEC UPD63 Datasheet HTML 5Page - NEC UPD63 Datasheet HTML 6Page - NEC UPD63 Datasheet HTML 7Page - NEC UPD63 Datasheet HTML 8Page - NEC UPD63 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
3
µPD63, 63A, 64
BLOCK DIAGRAM
KI0-KI3
KI/O0-KI/O7
S0, S1/LED
PORT KI
PORT KI/O
PORT S
4
8
2
4
8
2
ROM
RAM
SYSTEM
CONTROL
CARRIER
GENERATOR
9-bit
TIMER
CPU
CORE
RESET
XIN
XOUT
VDD
GND
REM
S1/LED
LIST OF FUNCTIONS
Item
µPD63
µPD63A
µPD64
µPD6P4B
ROM capacity
512
× 10 bits
768
× 10 bits
1002
× 10 bits
1002
× 10 bits
Mask ROM
One-time PROM
RAM capacity
32
× 4 bits
Stack
1 level (multiplexed with RF of RAM)
I/O pins
• Key input (KI): 4
• Key I/O (KI/O): 8
• Key extended input (S0, S1): 2
• Remote control transmission display output (LED) : 1 (multiplexed with S1 pin)
Number of keys
• 32 keys
• 48 keys (when extended by key extension input)
• 96 keys (when extended by key extension input and diode)
Clock frequency
Ceramic oscillation
•fX = 2.4 to 8 MHz
•fX = 2.4 to 4 MHz
Instruction execution time
8
µs (fX = 8 MHz)
Carrier frequency
fX/8, fX/16, fX/64, fX/96, fX/128, fX/192, no carrier (high level)
Timer
9-bit programmable timer: 1 channel
POC circuit
Mask option
Internal
Supply voltage
• VDD = 1.8 to 3.6 V
VDD = 2.2 to 3.6 V
•VDD = 2.2 to 3.6 V (with POC circuit)
(fX = 2.4 to 4 MHz)
VDD = 2.7 to 3.6 V
(fX = 4 to 8 MHz)
Operating ambient temperature
• TA = –40 to +85
°C
•TA = –20 to +70
°C (with POC circuit)
Package
• 20-pin plastic SOP (300 mil)
• 20-pin plastic
• 20-pin plastic
SOP (300 mil)
SOP (300 mil)
• 20-pin plastic
SSOP (300 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com