Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD63 Datasheet(PDF) 15 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 15 Page - NEC

Back Button UPD63 Datasheet HTML 11Page - NEC UPD63 Datasheet HTML 12Page - NEC UPD63 Datasheet HTML 13Page - NEC UPD63 Datasheet HTML 14Page - NEC UPD63 Datasheet HTML 15Page - NEC UPD63 Datasheet HTML 16Page - NEC UPD63 Datasheet HTML 17Page - NEC UPD63 Datasheet HTML 18Page - NEC UPD63 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
15
µPD63, 63A, 64
3.1 KI/O Port (P0)
The KI/O port is an 8-bit input/output port for key scan output.
INPUT/OUTPUT mode is set by bit 1 of the P4 register.
If a read instruction is executed, the pin state can be read in INPUT mode, whereas the output latch contents
can be read in OUTPUT mode.
If the write instruction is executed, data can be written to the output latch regardless of INPUT or OUTPUT mode.
When reset, the port is placed in OUTPUT mode; and the value of the output latch (P0) becomes 1111 1111B.
The KI/O port contains the pull-down resistor, allowing pull-down in INPUT mode only.
Caution During double pressing of a key, a high-level output and a low-level output may coincide with
each other at the KI/O port. To avoid this, the low-level output current of the KI/O port is held
low. Therefore, be careful when using the KI/O port for purposes other than key scan output.
The KI/O port is so designed that, even when connected directly to VDD within the normal supply
voltage range (VDD = 1.8 to 3.6 V), no problem may occur.
Table 3-2. KI/O Port (P0)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
KI/O7
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
b0-b7
: In reading : In INPUT mode, the KI/O pin’s state is read.
In OUTPUT mode, the KI/O pin’s output latch contents are read.
In writing
: Data is written to the KI/O pin’s output latch regardless of INPUT or OUTPUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com