Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD63 Datasheet(PDF) 2 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 2 Page - NEC

  UPD63 Datasheet HTML 1Page - NEC UPD63 Datasheet HTML 2Page - NEC UPD63 Datasheet HTML 3Page - NEC UPD63 Datasheet HTML 4Page - NEC UPD63 Datasheet HTML 5Page - NEC UPD63 Datasheet HTML 6Page - NEC UPD63 Datasheet HTML 7Page - NEC UPD63 Datasheet HTML 8Page - NEC UPD63 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
2
µPD63, 63A, 64
ORDERING INFORMATION
Part Number
Package
µPD63GS-×××
20-pin plastic SOP (300 mil)
µPD63AGS-×××
20-pin plastic SOP (300 mil)
µPD64GS-×××
20-pin plastic SOP (300 mil)
µPD64MC-×××-5A4
20-pin plastic SSOP (300 mil)
Remark
××× indicates ROM code suffix.
PIN CONFIGURATION (TOP VIEW)
20-pin Plastic SOP (300 mil)
•
µPD63GS-×××
•
µPD63AGS-×××
•
µPD64GS-×××
20-pin Plastic SSOP (300 mil)
•
µPD64MC-×××-5A4
Caution The pin numbers of KI and KI/O are in the reverse order of the
µPD6600A, and 6124A.
1
2
3
4
5
6
7
8
9
10
KI/O6
KI/O7
S0
S1/LED
REM
VDD
XOUT
XIN
GND
RESET
20
19
18
17
16
15
14
13
12
11
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
KI3
KI2
KI1
KI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com