Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD63 Datasheet(PDF) 10 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 10 Page - NEC

Back Button UPD63 Datasheet HTML 6Page - NEC UPD63 Datasheet HTML 7Page - NEC UPD63 Datasheet HTML 8Page - NEC UPD63 Datasheet HTML 9Page - NEC UPD63 Datasheet HTML 10Page - NEC UPD63 Datasheet HTML 11Page - NEC UPD63 Datasheet HTML 12Page - NEC UPD63 Datasheet HTML 13Page - NEC UPD63 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
µPD63, 63A, 64
2.4 Program Memory (ROM): 512 steps
× 10 bits (
µPD63)
768 steps
× 10 bits (
µPD63A)
1002 steps
× 10 bits (
µPD64)
The ROM consists of 10 bits per step, and is addressed by the program counter.
The program memory stores programs and table data, etc.
The 22 steps from 3EAH to 3FFH cannot be used in the test program area.
Figure 2-3.
Program Memory Map
(a)
µPD63
(b)
µPD63A
(c)
µPD64
000H
0FFH
100H
1FFH
000H
0FFH
100H
1FFH
200H
2FFH
300H
3EAH
3FFH
3E9H
10 bits
Unmounted areaNote
3EAH
3FFH
Test program areaNote
10 bits
200H
000H
0FFH
100H
1FFH
10 bits
Unmounted areaNote
3EAH
3FFH
Test program areaNote
200H
3E9H
2FFH
300H
3E9H
Test program areaNote
Note The unmounted area and the test program area are so designed that a program or data placed in either
of them by mistake is returned to the 000H address.
2.5 Data Memory (RAM): 32
× 4 Bits
The data memory, which is a static RAM consisting of 32
× 4 bits, is used to retain processed data. The data
memory is sometimes processed in 8-bit units. R0 can be used as the ROM data pointer.
RF is also used as the ASR.
When reset, R0 is cleared to “00H” and R1 to RF retain the previous data (undefined when turning on the power).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com