Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD63 Datasheet(PDF) 13 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 13 Page - NEC

Back Button UPD63 Datasheet HTML 9Page - NEC UPD63 Datasheet HTML 10Page - NEC UPD63 Datasheet HTML 11Page - NEC UPD63 Datasheet HTML 12Page - NEC UPD63 Datasheet HTML 13Page - NEC UPD63 Datasheet HTML 14Page - NEC UPD63 Datasheet HTML 15Page - NEC UPD63 Datasheet HTML 16Page - NEC UPD63 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13
µPD63, 63A, 64
2.9.2 Carry flag (CY)
The carry flag is set (to 1) in the following cases:
• If the ANL instruction or the XRL instruction is executed when bit 3 of the accumulator is “1” and bit 3 of the
operand is “1”.
• If the RL instruction or the RLZ instruction is executed when bit 3 of the accumulator is “1”.
• If the INC instruction or the SCAF instruction is executed when the value of the accumulator is 0FH.
The carry flag is cleared (to 0) in the following cases:
• If the ANL instruction or the XRL instruction is executed when at least either bit 3 of the accumulator or bit
3 of the operand is “0”.
• If the RL instruction or the RLZ instruction is executed when bit 3 of the accumulator is “0”.
• If the INC instruction or the SCAF instruction is executed when the value of the accumulator is other than 0FH.
• If the ORL instruction is executed.
• When Data is written to the accumulator by the MOV instruction or the IN instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com