Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1711 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 9Page - STMicroelectronics AN1711 Datasheet HTML 10Page - STMicroelectronics AN1711 Datasheet HTML 11Page - STMicroelectronics AN1711 Datasheet HTML 12Page - STMicroelectronics AN1711 Datasheet HTML 13Page - STMicroelectronics AN1711 Datasheet HTML 14Page - STMicroelectronics AN1711 Datasheet HTML 15Page - STMicroelectronics AN1711 Datasheet HTML 16Page - STMicroelectronics AN1711 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
2.3 HISTOGRAM TECHNIQUE
A histogram arranges several conversion results in increasing order and calculates the
number of occurrences of each value. The technique is to discard the least occurring values.
We assume that the least occurring values are the effect of a momentary disturbance in the
application.
Figure 6. Overview of Histogram technique
Example
Figure 6 shows an example histogram. It gives the number of occurrences of a conversion
value for VIN=2V, VAREF =5V. The histogram shows 5 different values received after 32 con-
versions. Each output value is arranged in a bar chart showing the number of occurrences.
(for example value=409 received 12 times out of 32 conversions).
The principle is to reject the values with the smallest number of occurrences, assuming them
to be result of noise etc.
This technique has limitations in practical usage. The disadvantage is more RAM requirement
because all the results are stored in an array. It also requires lot of time for post processing the
data. The processing of data involves finding the total number of occurrences of any value and
then discarding the data which occurred less than a specified number of time.
Number of
Conversions
Digital Output
409
410
411
412
408
3
1
12
11
5
Histogram representation for 10-bit ADC for VIN=2V, VREF =5V.
Rejected values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com