Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1711 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 21Page - STMicroelectronics AN1711 Datasheet HTML 22Page - STMicroelectronics AN1711 Datasheet HTML 23Page - STMicroelectronics AN1711 Datasheet HTML 24Page - STMicroelectronics AN1711 Datasheet HTML 25Page - STMicroelectronics AN1711 Datasheet HTML 26Page - STMicroelectronics AN1711 Datasheet HTML 27Page - STMicroelectronics AN1711 Datasheet HTML 28Page - STMicroelectronics AN1711 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
Figure 15. Hardware setup for calibration
Example
Suppose that the application provides a voltage from a 7805 fixed voltage linear regulator. Be-
cause of the tolerance of the linear regulator, the voltage does not stabilise at exactly 5V but
remains at 4.900V.
If the full scale reference voltage VDDA is 5V, then the result you would expect from converting
a 2.5V input with a 10-bit ADC is:
(2.5/5)*1023 = 511.5.
So we would expect 512 as converted digital value by ADC.
If the reference voltage is 4.9V the conversion result for 2.5 will be:
(2.5/4.9)*1023 = 521.9
So we will get 522 as converted result.
This means that with a lower voltage reference (4.9V) than the ideal voltage reference (5V),
the ADC will report higher results. So each result should be adjusted by multiplying it with the
calibration constant.
So the calibration constant will be (expected value)/actual value = 512/522 = 0.98
Calibrated ADC result = (calibration constant)*(actual digital result).
Disadvantages
1. The disadvantage of this technique is that the use of very precise voltage references is
costly.
2. The error correction made to the reference voltage is applied to all inputs. If there is an error
in this input voltage then the same error is applied to all analog inputs.
AIN0
VAIN
ADC
Microcontroller
AIN1
Reference
voltage
for calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com