Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1711 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 28Page - STMicroelectronics AN1711 Datasheet HTML 29Page - STMicroelectronics AN1711 Datasheet HTML 30Page - STMicroelectronics AN1711 Datasheet HTML 31Page - STMicroelectronics AN1711 Datasheet HTML 32Page - STMicroelectronics AN1711 Datasheet HTML 33Page - STMicroelectronics AN1711 Datasheet HTML 34Page - STMicroelectronics AN1711 Datasheet HTML 35Page - STMicroelectronics AN1711 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
Therefore after getting the ADC converted values (Y) we can calculate the actual or ideal an-
alog input signal (x) after knowing the slope of transfer curve (a) and offset constant (b).
Practical measurement
To test the calibration technique, we can use the test setup shown in Figure 20. Analog
Channel 1 is used for gain error calculation and Channel 2 was used for offset calculation. The
test results shown in Table 2. were obtained.
To avoid using floating point variables and the floating point library, all the calibration con-
stants were multiplied by a constant N (= 1000000) and ‘long’ type variables are used.
VREF= 4.9814 V
Table 2. Calibration Results
Comments
1. It can be noted that calibration helps eliminate the errors.
2. In most cases the calibrated value was close to the ideal or expected value.
3. Calibration results are much better in the higher voltage range (>3.5V).
4. For some analog input ranges (approx. 2V to 3V) the recorded values are the same as ex-
pected, and the calibration introduced some errors. This is because of non linearity of the
ADC. We have assumed the actual transfer curve was a straight line, whereas in practice
the ADC transfer curve may exhibit non-linearity.
Vin
Ideal
results
Recorded
value
Calibrated
value
0.509 V
104
102
103
1.005 V
206
205
206
1.502 V
308
309
309
2.005 V
412
413
412
2.503 V
514
514
513
3.001 V
616
616
617
3.504 V
719
720
718
4 V
821
824
821
4.5 V
924
927
924
4.97
1020
1023
1018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com