Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1711 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 25Page - STMicroelectronics AN1711 Datasheet HTML 26Page - STMicroelectronics AN1711 Datasheet HTML 27Page - STMicroelectronics AN1711 Datasheet HTML 28Page - STMicroelectronics AN1711 Datasheet HTML 29Page - STMicroelectronics AN1711 Datasheet HTML 30Page - STMicroelectronics AN1711 Datasheet HTML 31Page - STMicroelectronics AN1711 Datasheet HTML 32Page - STMicroelectronics AN1711 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
ported as less than the expected result and negative offset error causes the reported result to
be more than the expected result.
For example: Offset error = 3 LSBs
Gain error = -1 LSB
So total error = 4 LSBs for 1023 steps.
To avoid using floating point arithmetic, we can take 1 LSB per 255 steps (approximately) to
be compensated.
Therefore, add 3 to digital results in the range 1-255.
256-510 add 2
511 - 765 add 1
765 - 1023 subtract 1
Caution: This technique is provided for theoretical understanding. The error distribution may
not be linear. Please refer to the Zone compensation as below.
4.2.5 Zone compensation
As explained in the linear compensation technique, the ADC errors may not be equally distrib-
uted over the entire analog input range.
There are analog ranges in which there are positive errors and other ranges with negative er-
rors. Figure 19 shows the approximate error distribution curve. The actual values on the Y axis
depend on the device.
Figure 19. Error distribution
Thus, we can divide the ADC converted values into zones which have positive and negative
errors. To simplify the calculations we can use following zones for error correction.
+2.5
-2.5
LSB
0V
Full Scale
0
Full Scale/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com