Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1711 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 31Page - STMicroelectronics AN1711 Datasheet HTML 32Page - STMicroelectronics AN1711 Datasheet HTML 33Page - STMicroelectronics AN1711 Datasheet HTML 34Page - STMicroelectronics AN1711 Datasheet HTML 35Page - STMicroelectronics AN1711 Datasheet HTML 36Page - STMicroelectronics AN1711 Datasheet HTML 37Page - STMicroelectronics AN1711 Datasheet HTML 38Page - STMicroelectronics AN1711 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
35/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
5 SOFTWARE
The software available with this application note is provided in C language. The software is
provided for guidance and you can use it directly or change it to meet your requirements. For
demonstration and easy usability, some parts of the code are repeated. For example, aver-
aging etc.) is tested on ST72F324 and ST72F521 but it can be used with other ST7 devices
also. The software covers the following techniques.
Table 3. General techniques for improving ADC accuracy
Table 4. Noise reduction techniques
Table 5. Calibration techniques
5.1 FILE PACKAGE
The package provided with this application note contains the workspace, make-files and the
source code.
You can include ADC_tech.c and ADC_tech.h in your workspace to use the ADC software
techniques.
No.
Software technique
Software available
1
Averaging
Yes
2
Averaging using queue implementation
Yes
3
Histogram technique
Yes
4
Noise filtering technique
Yes
No.
Noise Reduction technique
Software available
1
Using Slow mode
Yes
2
Inserting NOPs
Yes
3Using WFI mode
Yes
4
Executing code from RAM
Yes
No.
Calibration technique
Software available
1
Use of accurate voltage reference
No
2
Use of external DAC
No
3
Maintaining lookup table
No
4
Using Linear compensation
No
5
Zone compensation
Yes
6
Autocalibration of offset and gain errors
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com