Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2591 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2591
Description  In certain applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2591 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2591 Datasheet HTML 5Page - STMicroelectronics AN2591 Datasheet HTML 6Page - STMicroelectronics AN2591 Datasheet HTML 7Page - STMicroelectronics AN2591 Datasheet HTML 8Page - STMicroelectronics AN2591 Datasheet HTML 9Page - STMicroelectronics AN2591 Datasheet HTML 10Page - STMicroelectronics AN2591 Datasheet HTML 11Page - STMicroelectronics AN2591 Datasheet HTML 12Page - STMicroelectronics AN2591 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AN2591
Expanding the number of inputs
9/19
2.2
Using shift registers
2.2.1
Expanding the number of inputs to 8 lines
A PISO (Parallel In Serial Out) shift register can also be used to increase the number of
inputs. Figure 7 shows how to connect a shift register M74HC165 to a microcontroller using
only 3 GPIOs.
The shift register sends data serially to the microcontroller via its QH output (pin 9) using
synchronous communication.
First, you load the 8 bit data available on the inputs (A to H) into the register by applying a
load pulse (set it low and then high again), the 8 bits of data are loaded in parallel into the
register. The logic level that was present at the H input appears immediately on the QH
output when the latch pulse is applied. Then, on each subsequent rising edge of the clock
(pin 2), the logic level of the next bit appears on the QH output and can be read via the
GPIO0.2 input and shifted by software to build a byte of data. 8 bits of data take 7 clock
pulses (generated by the microcontroller) to shift out one byte and not 8 clocks because
initially the higher bit was present on QH.
The number of lines saved is 8 - 3 = 5.
Figure 7.
Expander for 8 inputs using a shift register: M74HC165
µC
GPIO0.0
M74HC165
GPIO0.1
GPIO0.2
A
B
C
D
E
F
G
H
11
13
12
14
3
4
5
6
3.3v
GND
S/L
CK
QH
Vcc
SI
16
1
2
9
10
8
8 inputs
CK INH
15
QH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com