Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2591 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2591
Description  In certain applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2591 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2591 Datasheet HTML 11Page - STMicroelectronics AN2591 Datasheet HTML 12Page - STMicroelectronics AN2591 Datasheet HTML 13Page - STMicroelectronics AN2591 Datasheet HTML 14Page - STMicroelectronics AN2591 Datasheet HTML 15Page - STMicroelectronics AN2591 Datasheet HTML 16Page - STMicroelectronics AN2591 Datasheet HTML 17Page - STMicroelectronics AN2591 Datasheet HTML 18Page - STMicroelectronics AN2591 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Using the External Memory Interface for I/O expansion
AN2591
16/19
4.2
Expanding the number of inputs and/or outputs to 16 lines
In this section, the same hardware structure is implemented as described in Section 4.1,
except that a 16-bit latch (74LCX16373) and 16-bit buffer (74LCX16244) are used.
It is important to know the propagation delay times of the devices you are using in order to
configure the corresponding number of wait states (Refer to the 74LCX16373,
74LCX16244, 74V1G02 and 74V1G08 datasheets).
Figure 12.
16-channel expander
74LCX16373
WRL
16 outputs
D[0..15]
CSn.x
RD
74LCX16244
2OE
1A-2A-3A-4A
16
D[0..15]
2LE
D[0..15]
1G
2G
EMI
data bus
1Y-2Y-3Y-4Y
1D-2D[0..16]
1Q-2Q[0..16]
16 inputs
16
1LE
1OE
3G
4G
74V1G02
74V1G08
1
48
25
24
1
48
25
24
16
16
16
16
3.3v
VDD*
GND*
3.3v
VDD*
GND*
Note (*): The VDD and GND power inputs of 74LCX16373 and 74LCX16244 are not all
represented in this figure: VDD pins of the two devices are: 7, 18, 31 and 42, must connected to
All GND pins of the two devices are: 4, 10, 15, 21, 28, 34, 39 and 45, must connected to ground.
For more details refer to the IC datasheets.
3.3V.
STR710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com