Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2591 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2591
Description  In certain applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2591 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2591 Datasheet HTML 9Page - STMicroelectronics AN2591 Datasheet HTML 10Page - STMicroelectronics AN2591 Datasheet HTML 11Page - STMicroelectronics AN2591 Datasheet HTML 12Page - STMicroelectronics AN2591 Datasheet HTML 13Page - STMicroelectronics AN2591 Datasheet HTML 14Page - STMicroelectronics AN2591 Datasheet HTML 15Page - STMicroelectronics AN2591 Datasheet HTML 16Page - STMicroelectronics AN2591 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN2591
Using a STMPE801 (I²C bus) 8-bit I/O port expander
13/19
Figure 10.
16-channel expander
STR710
SDA
STMPE801MTR
SCL
XTI0
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
VCC
VIO
3.3v
GND
INT
SCLK
SDAT
GPIOX.Y
RESET
ADDR0
4.7K
4.7K
R1
R2
STMPE801MTR
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
VCC
VIO
GND
INT
SCLK
SDAT
RESET
ADDR0
3.3V
XTI1
16 inputs/
outputs
3
5
4
6
7
8
9
10
16
1
15
13
11
12
14
2
3
5
4
6
7
8
9
10
16
1
14
15
13
11
12
2
(I2C device address=0x82)
(I2C device address=0x88)
If needed
If needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com