Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2591 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2591
Description  In certain applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2591 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2591 Datasheet HTML 1Page - STMicroelectronics AN2591 Datasheet HTML 2Page - STMicroelectronics AN2591 Datasheet HTML 3Page - STMicroelectronics AN2591 Datasheet HTML 4Page - STMicroelectronics AN2591 Datasheet HTML 5Page - STMicroelectronics AN2591 Datasheet HTML 6Page - STMicroelectronics AN2591 Datasheet HTML 7Page - STMicroelectronics AN2591 Datasheet HTML 8Page - STMicroelectronics AN2591 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AN2591
Expanding the number of outputs
5/19
The shift register receives data serially from the microcontroller via the Sin input (pin 14)
using synchronous transmission. The M74HC595 includes two registers. The first one is a
shift register to shift in the data, the second one is a latch register to enable the data on the
outputs. This register prevents the output values being disturbed while data is being shifted
into the shift register.
You need to perform two steps to make the data available on the M74HC595 outputs:
1.
Shift the data from the microcontroller to the shift register via the Sin line:
–
Shift each bit of data via the microcontroller (GPIO0.0) and
–
Apply a clock pulse (via SCK line) to shift this bit into the register. You need 8 clock
times to load all bits of the data byte into the shift register. At this stage the data is
not yet available on the outputs (Q0 to Q7).
2.
To make it available on the outputs (Q0 to Q7), you must apply a latch pulse via the
RCK line to load the data into the second register.
The number of lines saved is 8 - 3 = 5. This is same amount of saving as with the
M74HC138 decoder but the difference that you can activate or deactivate any of the outputs
independently, unlike with the decoder when only one output can be activated at a time.
Figure 3.
Expander for 8 outputs using a shift register: M74HC595
1.2.2
Expanding the number of outputs to 16 lines
In this section uses the same technique as described in Section 1.2.1, but the number of
outputs is expanded to 16 lines. This is done by cascading two shift registers (the same IC
reference used in Section 1.2.1).
The M74HC595 SDO output is used to connect the two shift registers to allow the data flow
to pass from the first register into the second one. This creates a 16-bit shift register.
µC
GPIO0.0
M74HC595
GPIO0.1
GPIO0.2
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
15
2
1
3
4
5
6
7
3.3v
GND
Sin
RCK
SCK
Vcc
G
SCLR
16
10
14
12
11
13
8
SDO
9
8 outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com