Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2591 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2591
Description  In certain applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2591 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2591 Datasheet HTML 10Page - STMicroelectronics AN2591 Datasheet HTML 11Page - STMicroelectronics AN2591 Datasheet HTML 12Page - STMicroelectronics AN2591 Datasheet HTML 13Page - STMicroelectronics AN2591 Datasheet HTML 14Page - STMicroelectronics AN2591 Datasheet HTML 15Page - STMicroelectronics AN2591 Datasheet HTML 16Page - STMicroelectronics AN2591 Datasheet HTML 17Page - STMicroelectronics AN2591 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Using the External Memory Interface for I/O expansion
AN2591
14/19
4
Using the External Memory Interface for I/O
expansion
The EMI can be used not only to interface external memories, but also to create additional
microcontroller ports. The EMI can be used to expand the number of inputs and/or outputs
lines when all GPIOs are used and you need more GPIOs. In this section we give a solution
using latches and buffers that allows you to expand the number of inputs and/or outputs
using the EMI interface of the STR710 microcontroller.
4.1
Expanding the number of inputs and/or outputs to 8 lines
Figure 11 shows how the input/output expander is implemented using 74LCX573 (8-bit
latch) to create an 8-line output port and 74LCX244 (8-bit buffer) to create an 8-line input
port (see 74LCX573 and 74LCX244 datasheets). The latch inputs and the buffer outputs are
connected to the LSB data byte: D0 to D7.
Figure 11.
Eight-channel expander
To put a byte of data on the latch outputs, you must write the data in an address located in
address range corresponding to the CSn.x bank. For example, if the CSn.x used is CSn.0,
and the EMI address is not remapped at address 0 (EMI address range = 0x60000000 to
74V1G02
74V1G08
STR710
74LCX573
WRL
8 outputs
D[0..15]
CSn.x
RD
74LCX244
OE
1A-2A
16
D[0..7]
LE
D[0..7]
1G
2G
EMI
data bus
1Y-2Y
D[0..7]
Q[0..7]
8 inputs
16
1
11
19
1
8
8
8
8
3.3v
20
GND
VDD
10
GND
10
3.3v
20
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com