Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2797 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 3Page - STMicroelectronics AN2797 Datasheet HTML 4Page - STMicroelectronics AN2797 Datasheet HTML 5Page - STMicroelectronics AN2797 Datasheet HTML 6Page - STMicroelectronics AN2797 Datasheet HTML 7Page - STMicroelectronics AN2797 Datasheet HTML 8Page - STMicroelectronics AN2797 Datasheet HTML 9Page - STMicroelectronics AN2797 Datasheet HTML 10Page - STMicroelectronics AN2797 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN2797
DDR memory interface
Doc ID 14841 Rev 1
7/23
Figure 1.
An example of an effective low-inductance decoupling capacitor location
and mounting layout.
2.2
Data signal routing
Signal trace geometries:
Width: 4 mil to 5mil, 0.1 mm to 0.13 mm
Minimum space: 4 mil to 5 mil, 0.1 mm to 0.13 mm
Trace to trace spacing should be increased where routing density allows to reduce crosstalk.
A minimum separation of 10 mils is recommended, except for BGA escape areas.
All signals should be routed referenced to a ground plane, not a power plane.
Do not route any DDR2 signals on top of split planes or voids of copper.
Do not route any other signals inside or on top of the area reserved for DDR.
Maintain adequate separation between DDR signals and any other signals.
Traces routed near the edge of a reference plane should maintain at least 30 mil gap to the
edge of the reference plane.
To minimize the reflection all the traces should have an impedance of 55 Ohm ± 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com