Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2797 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 13Page - STMicroelectronics AN2797 Datasheet HTML 14Page - STMicroelectronics AN2797 Datasheet HTML 15Page - STMicroelectronics AN2797 Datasheet HTML 16Page - STMicroelectronics AN2797 Datasheet HTML 17Page - STMicroelectronics AN2797 Datasheet HTML 18Page - STMicroelectronics AN2797 Datasheet HTML 19Page - STMicroelectronics AN2797 Datasheet HTML 20Page - STMicroelectronics AN2797 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN2797
GPIO and CLD interface considerations
Doc ID 14841 Rev 1
17/23
4
GPIO and CLD interface considerations
There are no stringent requirements for GPIO or CLD interfaces, but some precautions
should be considered for some applications that employ very wide buses switching
simultaneously, or have electrically long interconnects, such as signal traces 1 ns or longer.
These conditions apply heavy loading to the power distribution network supplying these
I/Os, and it is imperative that good decoupling practices are used for the 3.3 V supply. See
Appendix A for decoupling capacitor layout guidelines. When wide buses or long interfaces
are necessary, 22 Ohm series resistors placed close to SPEAr provide additional benefit by
reducing the loading seen by the I/Os.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com