Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2797 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 14Page - STMicroelectronics AN2797 Datasheet HTML 15Page - STMicroelectronics AN2797 Datasheet HTML 16Page - STMicroelectronics AN2797 Datasheet HTML 17Page - STMicroelectronics AN2797 Datasheet HTML 18Page - STMicroelectronics AN2797 Datasheet HTML 19Page - STMicroelectronics AN2797 Datasheet HTML 20Page - STMicroelectronics AN2797 Datasheet HTML 21Page - STMicroelectronics AN2797 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Using an external clock
AN2797
18/23
Doc ID 14841 Rev 1
5
Using an external clock
Using an external clock source to drive SPEAr600 is accomplished by using a compatible
clock generator that meets the necessary jitter and waveform specifications, and configuring
the internal clock for an external source.
The external clock signal is applied to oscillator MCLK_XI pin. This is a digital signal with a
nominal voltage swing between 0 V and 2.5 V. If a clock source with a different voltage swing
is used, then a voltage translator must be used. A 3.3 V signal should not be applied to the
MCLK_XI pin.
5.0.1
External clock signal requirements
The clock signal specifications are listed in the table below.
5.0.2
Voltage translation of external clock
If the external clock's output has a signal swing of other than 2.5 V, then some form of level
translation must be used on the signal before it is applied to MCLK_XI. An IC level translator
can be used, or a resistor voltage divider network can be used if the source has a 3.3 V
swing. The level translator must provide a stable, monotonic, and clean waveform to the
clock input.
The resistor network must account for several conflicting requirements. First, the correct
resistor ration must be used to provide the correct levels, and second, because the
connection between the clock source and SPEAr600 is a trace on a PCB, which is a
transmission line and therefore exhibits transmission line behavior, the resistor values used
in the divider must adequately control reflections. The goal is to provide a clean waveform at
MCLK_XI with minimal overshoot or ringing. Figure 7 depicts the general network
configuration.
Table 5.
External clock signal requirements for oscillator MCLK_XI input
Symbol
Description
Min
Typ
Max
Units
VDD_OSC
Oscillator power supply voltage
2.5
V
VIH
High input voltage (1)
1.
Because the MCLK_IN is the input to the oscillator gain stage, VIL and VIH levels and rise/fall time are more
restricted than digital inputs.
VDD_OSC - 0.2
V
VIL
Low input voltage (1)
0.2
V
tRISE
Rise time of clock input signal
3
10
ns
tFALL
Fall time of clock input signal
3
10
ns
fCLK
Frequency of external source
30.000
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com