Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2797 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2797 Datasheet HTML 1Page - STMicroelectronics AN2797 Datasheet HTML 2Page - STMicroelectronics AN2797 Datasheet HTML 3Page - STMicroelectronics AN2797 Datasheet HTML 4Page - STMicroelectronics AN2797 Datasheet HTML 5Page - STMicroelectronics AN2797 Datasheet HTML 6Page - STMicroelectronics AN2797 Datasheet HTML 7Page - STMicroelectronics AN2797 Datasheet HTML 8Page - STMicroelectronics AN2797 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AN2797
Power integrity
Doc ID 14841 Rev 1
5/23
1.4
Ground and power supply connections
For proper operation of devices, it is critical provide a very low impedance wide bandwidth
connection to ground and the voltage supplies. To achieve this it is necessary to minimize
inductance between the device power and ground balls and the PCB ground plane and
decoupling network.
The above guideline also applies to other critical components: termination resistors,
decoupling capacitors, ICs, multiple ground or power pins from the same IC.
Each ground ball should be directly connected to the PCB ground plane with its own via. Do
not share vias between multiple ground balls. An exception to this rule is the center 6x6
ground ball grid, which should have a fully populated ground via grid between the balls and
the surface layers can be filled.
Each power ball should be directly connected to the PCB decoupling network with its own
via. Do not share vias between multiple power balls except when multiple power balls are
adjacent to each other and are connected to the same voltage plane. In any case, use the
maximum number of vias that space allows.
To avoid cross-contamination of ground or power supplies between different devices (for
example, an IC and a termination resistor), multiple ground or power balls should not share
ground connections. Each ball/pin should have their own via to the ground or power plane,
not a shared via. Power and ground connections should not simply be connected to surface
layer copper fill areas - these are not good low impedance paths at high-frequencies.
Ball to via trace: Each ground and power ball should be connected to it's via with a short,
wide trace. It is critical to minimize trace length and maximize trace width. Trace length
should be less than 1 mm in the ball field, 0.25 mm outside a ball field, Trace width should
be wide. Do not simply connect ground or power balls to surface fill areas. A close, direct via
to the ground or power plane is necessary. In cases where it is not possible to achieve this
length, there is a relatively high impedance. Every effort should be made to minimize the
length, and to consider only power connections requiring lower bandwidth for high
impedance power connections.
Ferrite beads and RC filters: The perceived need for ferrite beads and RC filters is very
often the result of poor grounding and power supply decoupling, resulting in excess noise on
power rails. A well-designed power delivery network eliminates the need for these remedies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com