Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2797 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 15Page - STMicroelectronics AN2797 Datasheet HTML 16Page - STMicroelectronics AN2797 Datasheet HTML 17Page - STMicroelectronics AN2797 Datasheet HTML 18Page - STMicroelectronics AN2797 Datasheet HTML 19Page - STMicroelectronics AN2797 Datasheet HTML 20Page - STMicroelectronics AN2797 Datasheet HTML 21Page - STMicroelectronics AN2797 Datasheet HTML 22Page - STMicroelectronics AN2797 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AN2797
Using an external clock
Doc ID 14841 Rev 1
19/23
Figure 7.
External clock connection to SPEAr600
C1 is optional and may be needed for clock sources with extremely fast edges and is in the
range of 10 pF to 33 pF. Some configurations may find that only R1 and R3 are needed (R2
= 0 Ohm).
The clock source IC and the resistor network should be placed as close to SPEAr600 as
practical to improve signal quality. The resistor values depend on Ro (the output impedance
of the clock source), the rise/fall time of the clock source, and the characteristic impedance
and length of the transmission lines. Because every application has different variables, a
single set of resistor values cannot apply to every situation. The resistor values are sensitive
to Ro, which may not be known accurately from data sheets. Some experimentation may be
necessary to arrive at suitable values and Spice simulations are recommended. Table 6 lists
values that can be used to start evaluation. These are examples of resistor network values
with different output impedances of the clock source. Simulation and measurement of the
actual circuit is strongly recommended.
5.0.3
TDR test traces
Test traces should be add to all PCB designs on all signal layers. A single trace of nominal
impedance between 8 to 15 cm long on each signal layer (it does not have to be straight) is
simple to add to all designs and can always be placed where it does not impact the
functional design, usually along the board perimeter. Include a test point pattern that
matches your TDR probe. The test traces are invaluable to validate PCB impedance
parameters.
5.0.4
Layer order check
A visual feature consisting of stair step numbered windows to verify layer order should be
included in all PCB layouts. This is most commonly located along one edge of the board.
Table 6.
Examples of resistor network values
Ro
R1
R2
R3
Units
50
56
0
330
Ohms
50
56
56
330
Ohms
25
47
47
220
Ohms
15
56
56
220
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com