Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3023 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3023
Description  Using the analog-to-digital converter of the STM8A microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3023 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3023 Datasheet HTML 3Page - STMicroelectronics AN3023 Datasheet HTML 4Page - STMicroelectronics AN3023 Datasheet HTML 5Page - STMicroelectronics AN3023 Datasheet HTML 6Page - STMicroelectronics AN3023 Datasheet HTML 7Page - STMicroelectronics AN3023 Datasheet HTML 8Page - STMicroelectronics AN3023 Datasheet HTML 9Page - STMicroelectronics AN3023 Datasheet HTML 10Page - STMicroelectronics AN3023 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN3023
Summary of the features
Doc ID 16113 Rev 1
7/23
2
Summary of the features
The STM8A family contains two types of analog-to-digital converter which are named ADC
and ADC2. Depending on the device, it may contain both (ADC and ADC2) or only one
(ADC).
There are two variants of the first analog-to-digital converter ADC:
1.
With standard features
2.
With extended features for scan mode, buffered continuous mode and analog
watchdog
The second analog-to-digital converter, ADC2, contains a features subset of the first ADC
module.
Refer to the STM8A datasheet for more information on the available features.
Table 1.
ADC and ADC2 features on different devices(1)
Module
Features
Parameter
32 KB die based(2)
128 KB die based(2)
256 KB die based(2)
ADC
Resolution
10-bit
Programmable prescaler
fMASTER divided by 2 to 18
Operating modes
Single or continuous mode
Scan and buffered
continuous mode
—
Scan and buffered
continuous mode
Clock speed
fADC = 1 to 4 MHz
ADC input range
VSSA = VIN = VDDA
Conversion speed
min. 3.5 µs @ 4 MHz fADC
Number of input channels
up to 10
up to 16
up to 16
Triggers
Timer 1 and external
ADC_ETR pin
External ADC_ETR
pin
Timer 1, Timer 2 and
external ADC_ETR pin
Data format
left or right alignment
ADC interrupt
EOC and AWD
EOC
EOC and AWD
Analog watchdog
Yes
—
Yes
Schmitt trigger enable/disable
Yes
Yes
Yes
Synchronization mechanism
between ADC and ADC2
——
Yes
Analog zooming
—
Through dedicated
VREF pins
Through dedicated
VREF pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com