Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3023 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3023
Description  Using the analog-to-digital converter of the STM8A microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3023 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3023 Datasheet HTML 1Page - STMicroelectronics AN3023 Datasheet HTML 2Page - STMicroelectronics AN3023 Datasheet HTML 3Page - STMicroelectronics AN3023 Datasheet HTML 4Page - STMicroelectronics AN3023 Datasheet HTML 5Page - STMicroelectronics AN3023 Datasheet HTML 6Page - STMicroelectronics AN3023 Datasheet HTML 7Page - STMicroelectronics AN3023 Datasheet HTML 8Page - STMicroelectronics AN3023 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN3023
ADC hardware description
Doc ID 16113 Rev 1
3/23
1
ADC hardware description
1.1
General properties
STM8A family microcontrollers include an analog-to-digital converter which has up to 16
multiplexed inputs. The ADC resolution is 10 bits. The number of external analog inputs
depends on the package size of the particular STM8A family device.
The ADC is a successive approximation analog-to-digital converter. Conversion can be
performed in continuous mode or single mode. The digital result is then stored in registers.
Because the ADC resolution is 10 bits and the ADC data register length is 16 bits, the
analog-to-digital converter result is stored in two 8-bit registers, and the data is either right
or left aligned (this is selectable).
The event used to start conversion can be generated by software or by the STM8A
microcontroller's internal timer 1 and timer 2(a) (any type of timer event can be used). The
start of A/D conversion can also be triggered by an external pin.
The reference voltage for the analog-to-digital converter depends on the package. It comes
either from an external source—in this case the reference must be connected to two
external pins—or is connected internally to analog power supply pins. The value of this
reference voltage is limited to within the range from 2.75 V up to the voltage applied on the
VDDA input. The measured voltage must be between VREF+ and VREF−. Resolution can be
increased by so-called analog zooming—using a smaller reference voltage around the
range of values to be measured.
If needed, an interrupt can be generated at the end of conversion and if an analog watchdog
event occurred.
The analog-to-digital converter is driven by a clock derived from the MCU master clock
through a programmable divider. This allows you to select the ADC clock speed according to
your application requirements.
a.
Trigger feature available on selected devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com