Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3023 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3023
Description  Using the analog-to-digital converter of the STM8A microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3023 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3023 Datasheet HTML 9Page - STMicroelectronics AN3023 Datasheet HTML 10Page - STMicroelectronics AN3023 Datasheet HTML 11Page - STMicroelectronics AN3023 Datasheet HTML 12Page - STMicroelectronics AN3023 Datasheet HTML 13Page - STMicroelectronics AN3023 Datasheet HTML 14Page - STMicroelectronics AN3023 Datasheet HTML 15Page - STMicroelectronics AN3023 Datasheet HTML 16Page - STMicroelectronics AN3023 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN3023
Configuring ADC registers for conversion
Doc ID 16113 Rev 1
13/23
the CONT bit is cleared while conversion is ongoing, conversion stops the next time the last
channel has been converted.
Example 4
●
fMASTER = 4 MHz
●
fADC = 2 MHz
●
Continuous scan from AIN0 to AIN3 channel
●
Right alignment
●
Starting ADC by TIM1
For Example 4, the ADC registers should be configured as follows:
ADC_CR1:SPSEL[2:0] = 000
→ f
ADC = 2 MHz (that is, fMASTER/2)
ADC_CSR:CH[3:0] = 0011
→ channel from AIN0 to AIN3
ADC_CR1:ADON = 1
→ ADC power on
Wait (14/fADC) → stabilization time before starting the conversion
ADC_CR1:CONT = 1
→ continuous conversion mode
ADC_CR2:SCAN = 1
→ scan mode enable
ADC_CR2:ALIGN = 1
→ right alignment
ADC_CR2:EXTSEL[1:0] = 00
→ Internal TIM1 TRGO event
ADC_CR2:EXTTRIG = 1
→ conversion on external event is enabled
Timer initialization for trigger output: The timer has to be configured in PWM mode, with a
period of at least 7 µs, in order to guarantee a good ADC conversion.
fMASTER = 4 MHz, Prescaler = 1, TIM1 counter clock = 2 MHz
PWM signal @50 kHz (period = 20 µs)
TIM1_SMCR:MSM = 1
→ TIM1 configured as master mode
TIM1_CR2:MMS[6:4] = 100
→ OC1REF signal is used ad trigger output (TRGO)
TIM1_CR1:CEN = 1
→ Timer counter enable
ADC conversion will start at each rising edge event of OC1REF signal
Wait (ADC_CSR:EOC = 1)
→ end of conversion
Read the result of the current conversion from ADC_DBxRH and ADC_DBxRL registers
(x = 0..3) before of the end of next conversion. The OVR flag is set if one of the buffer
registers is overwritten.
Note:
1
In scan mode, do not use the bit manipulation instruction (BRES) to clear the EOC flag
because it performs a read-modify-write on the whole ADC_CSR register, reading the
current channel number from the CH[3:0] register and writing it back. This changes the last
channel number for the scan sequence. The correct way to clear the EOC flag in continuous
scan mode is to load a byte in the CSR register from a RAM variable, clearing the EOC flag
and reloading the last channel number for the scan sequence.
2
When using scan mode, it is not possible to use channels AIN0 to AINn in output mode
because the output stage of each channel is disabled when it is selected by the ADC
multiplexer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com