Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3193 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3193
Description  STM32L1xx ultralow power features overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3193 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3193 Datasheet HTML 3Page - STMicroelectronics AN3193 Datasheet HTML 4Page - STMicroelectronics AN3193 Datasheet HTML 5Page - STMicroelectronics AN3193 Datasheet HTML 6Page - STMicroelectronics AN3193 Datasheet HTML 7Page - STMicroelectronics AN3193 Datasheet HTML 8Page - STMicroelectronics AN3193 Datasheet HTML 9Page - STMicroelectronics AN3193 Datasheet HTML 10Page - STMicroelectronics AN3193 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID17369 Rev 2
7/13
AN3193
A set of peripherals tailored for low power
13
4
A set of peripherals tailored for low power
Several peripherals require special attention, either because of their intrinsic high
consumption or because they are always powered up.
The STM32L1xx embeds a 12-bit / 1 MSps ADC. This very fast but accurate converter can
jeopardize the battery lifetime if left powered-up continuously, with a 1.45 mA typical
consumption. With its calibration-free architecture, fast power-up time of 3.5 µs and a
conversion time of 1 µs, 6 conversions can be achieved within less than 10 µs, and the ADC
can be shut down immediately afterwards. If this is done at a 1-kHz rate, it represents not
more than 10.5 µA of the ADC related average consumption.
The time required to switch on and off a peripheral is negligible at high speed, but can
become significant for a low operating frequency: at 1 MHz, each instruction lasts as long as
the ADC conversion itself. When the ADC operates at such a low frequency, the conversion
time is also significantly increased without benefits for the end application. To reduce the
consumption and allow the most efficient use of this fast converter, the ADC digital interface
has been designed to operate in a completely independent manner, at its maximum speed,
whatever the CPU operating frequency (which can range from “sub-kHz” up to 32 MHz),
using an internal 16 MHz clock source. It also includes auto shut-down modes to reduce the
software overhead and to cope with a very low CPU frequency. At 32 kHz, each instruction
lasts 30 µs: a burst of conversion can be launched between two cycles, with the ADC
powered-off automatically, so that the ADC extra consumption can be limited to the
necessary time only (for single conversions, during 4.5 µs out of the 30 µs CPU period).
Three peripherals have been developed to operate continuously even in Stop mode, where
the system clock is stopped, with the main oscillator and memory powered down.
A pair of ultralow comparators is available to monitor analog voltages with a current
down to 3 µA. These comparators can wake up the MCU as soon as the external
voltage reaches the selected threshold and they can be combined together to provide a
window comparator. One of these comparators has a rail-to-rail input capability and its
output can be redirected to a timer for a general purpose use.
An RTC peripheral provides a clock/calendar with two alarms, includes a periodic
wake-up unit and several application specific functions (timestamp, tamper detection
…). It can remain enabled in the lowest power mode (standby) where most of the chip
is powered down, and wake up the full MCU circuitry in case of an alarm or tamper
detection for instance. It also contains 80 bytes of backup registers to store contextual
information when exiting from standby mode. This peripheral has been designed using
asynchronous design techniques to minimize its consumption (below 1 µA).
The glass LCD is one of the most common displays in low power applications, because
of its inherently low current consumption, low price and customization easiness. The
STM32L1xx includes a versatile LCD controller, which can drive displays with up to 8
common lines and 40 segments, with the capability of selecting individually the I/O
ports assigned to the LCD for an optimal use of the chip alternate functions. It also
controls an optional internal step-up converter to maintain the LCD contrast on a wide
range of VDD values with consumptions as low as 5 µA (LCD consumption not
included).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com