Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3193 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3193
Description  STM32L1xx ultralow power features overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3193 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3193 Datasheet HTML 1Page - STMicroelectronics AN3193 Datasheet HTML 2Page - STMicroelectronics AN3193 Datasheet HTML 3Page - STMicroelectronics AN3193 Datasheet HTML 4Page - STMicroelectronics AN3193 Datasheet HTML 5Page - STMicroelectronics AN3193 Datasheet HTML 6Page - STMicroelectronics AN3193 Datasheet HTML 7Page - STMicroelectronics AN3193 Datasheet HTML 8Page - STMicroelectronics AN3193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID17369 Rev 2
5/13
AN3193
Energy-efficient processing
13
Figure 1. STM32L1xx performance versus VDD and VCORE range
A typical example is portable healthcare equipment with USB device capability.
As long as it works in standalone mode, 4 MHz are sufficient to acquire and process the
data from the analog front-end. In this case, the internal logic can be supplied with 1.2 V
only.
However, executing a USB software stack when the system is connected to the USB
interface of a PC requires more processing power: in this case, the device can be placed in
"high-performance mode", where the internal voltage is 1.8 V. It can then execute code at 32
MHz while the USB peripheral is supplied by a 48-MHz clock. Voltage scaling is used to deal
with the contradictory requirements of these two operating modes without having to
compromise on the dynamic current consumption.
1
16 MHz
4MHz
MHz
32 MHz
1.2V
1.5V
1.8V
VCORE
1.65V - 3.6V
2V - 3.6V
32
1
F CPU > 2 MHz 1WS
16MHz
8 MHz
2MHz
32
16
8
0WS
4
ai178201
VDD
F CPU > 8 MHz
1WS
0WS
F CPU > 16 MHz
1WS
0WS
178 μA / MHz
195 μA / MHz
240 μA / MHz
2
Range 2
Range 3
Range 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com