Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3193 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3193
Description  STM32L1xx ultralow power features overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3193 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3193 Datasheet HTML 1Page - STMicroelectronics AN3193 Datasheet HTML 2Page - STMicroelectronics AN3193 Datasheet HTML 3Page - STMicroelectronics AN3193 Datasheet HTML 4Page - STMicroelectronics AN3193 Datasheet HTML 5Page - STMicroelectronics AN3193 Datasheet HTML 6Page - STMicroelectronics AN3193 Datasheet HTML 7Page - STMicroelectronics AN3193 Datasheet HTML 8Page - STMicroelectronics AN3193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID17369 Rev 2
3/13
AN3193
STM32L1xx main features
13
1
STM32L1xx main features
Based on the solid foundations of the award-winning STM32F10x family, the STM32L1xx
embeds various innovations which minimize the consumption in different configurations,
while maintaining most of the existing peripherals and a quasi pin-to-pin compatibility.
For a given manufacturing process and die area, the consumption of a microcontroller
largely depends on two factors which can be controlled dynamically: voltage and frequency.
In the STM32L1xx devices, an internal low drop regulator supplies most of the logic circuitry
with a fixed voltage: this guarantees that consumption is kept minimal whatever the supply
voltage, along the lifetime of portable battery-supplied products, down to 1.65 V.
If we consider the clock sources, several cascaded clock prescalers, gating techniques and
peripheral-by-peripheral clock management allow only the necessary logic gates to be
activated, and at the adequate frequency. These are now design practices commonly used
for reducing the consumption in Run mode. For the STM32L1xx, additional efforts have
been done in this direction with the implementation of voltage scaling to reach an even
higher processing efficiency.
However, all ultralow power requirements cannot be met by simply focusing on run time: for
most applications, the challenge is to spend the minimum time and energy in this mode and
find the adequate low power mode.
The improvements do not come only from the deep sleep modes optimized to eliminate
every ten nA of leakage. The system has also been complemented with seven low power
modes and a set of peripherals tuned for low power (such as the calendar real-time clock
and glass LCD controller). These items are described in more detail hereafter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com