Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3193 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3193
Description  STM32L1xx ultralow power features overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3193 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3193 Datasheet HTML 1Page - STMicroelectronics AN3193 Datasheet HTML 2Page - STMicroelectronics AN3193 Datasheet HTML 3Page - STMicroelectronics AN3193 Datasheet HTML 4Page - STMicroelectronics AN3193 Datasheet HTML 5Page - STMicroelectronics AN3193 Datasheet HTML 6Page - STMicroelectronics AN3193 Datasheet HTML 7Page - STMicroelectronics AN3193 Datasheet HTML 8Page - STMicroelectronics AN3193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Energy-efficient processing
AN3193
4/13
DocID17369 Rev 2
2
Energy-efficient processing
The STM32L1 is built around the Cortex-M3, an industry standard 32-bit core, which has
been designed, among other criteria, for low power applications. The Cortex-M3 offers a
class-leading performance and code density. Although performance is not naturally linked
with low current consumption, it is a key benefit for most of the low power applications which
have to wake up periodically to execute software tasks. In this case, the Cortex-M3 spends
less time in Run mode due to its processing performance, thus maximizing the time in deep
sleep mode. If we consider only the processing consumption, expressed in mA/DMIPS
(DMIPS standing for Dhrystone MIPS measured using the public benchmark Rev 2.0), the
performance of the Cortex M3 is significantly better than that of the other architectures, in
particular 16-bit microcontrollers.
The performance in DMIPS/MHz being given by the core and its memory interface, the
processing consumption in mA/DMIPS can be maximized using voltage scaling. This
method, also called undervolting, consists of adapting dynamically the supply voltage of the
internal logic with the operating frequency. The STM32L1xx offers three dynamically
selectable voltage ranges, as summarized in the following figure, from 1.8 V (range 1) down
to 1.2 V (range 3), which offers a gain of more than 25% in terms of consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com