Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3193 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3193
Description  STM32L1xx ultralow power features overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3193 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3193 Datasheet HTML 5Page - STMicroelectronics AN3193 Datasheet HTML 6Page - STMicroelectronics AN3193 Datasheet HTML 7Page - STMicroelectronics AN3193 Datasheet HTML 8Page - STMicroelectronics AN3193 Datasheet HTML 9Page - STMicroelectronics AN3193 Datasheet HTML 10Page - STMicroelectronics AN3193 Datasheet HTML 11Page - STMicroelectronics AN3193 Datasheet HTML 12Page - STMicroelectronics AN3193 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID17369 Rev 2
9/13
AN3193
A versatile clock management
13
The price of a crystal oscillator may not be neglected in cost sensitive applications. For this
reason, the STM32L1xx offers several options to measure the internal oscillators.
Although HSI and MSI are factory trimmed (except for the STM32L100 Value Line devices),
they can be further trimmed by 0.5% steps during run time to compensate for frequency
deviations due to temperature and voltage changes. Similarly, manufacturing process
deviations of the LSI can be evaluated and compensated using a higher accuracy clock
reference, either internally (HSI) or externally (LSE or HSE).
As an example, in an application where a 32.768 kHz crystal is used for the RTC, it is
interesting to use the low power MSI oscillator which can provide a clock frequency of up to
4 MHz for the CPU with a typical consumption of 20 µA. Taking advantage of the high
precision of the LSE crystals (typically a few tens of ppm), it is possible to determine the MSI
frequency with the same resolution, and then to trim it on-the-fly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com